Part Number Hot Search : 
LCC3600A MLL41 LM293AN 101J1 20N06 S1312 LA7390 AD7543KN
Product Description
Full Text Search
 

To Download HLMP-Q152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent Subminiature High Performance TS AlGaAs Red LED Lamps Data Sheet
HLMP-P106/P156 HLMP-Q102/Q152 HLMP-Q106/Q156
Description Flat Top Package The HLMP-Pxxx Series flat top lamps use an untinted, nondiffused, truncated lens to provide a wide radiation pattern that is necessary for use in backlighting applications. The flat top lamps are also ideal for use as emitters in light pipe applications. Dome Packages The HLMP-Qxxx Series dome lamps, for use as indicators, use a tinted, diffused lens to provide a wide viewing angle with high on-off contrast ratio. High brightness lamps use an untinted, nondiffused lens to provide a high luminous intensity within a narrow radiation pattern. Lead Configurations All of these devices are made by encapsulating LED chips on axial lead frames to form molded epoxy subminiature lamp packages. A variety of package configuration options is available. These include special surface mount lead configurations, gull wing, yoke lead, or Zbend. Right angle lead bends at 2.54 mm (0.100 inch) and 5.08 mm (0.200 inch) center spacing are available for through hole mounting. For more information refer to Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps data sheet. Technology These subminiature solid state lamps utilize a highly optimized LED material technology, transparent substrate aluminum gallium arsenide (TS AlGaAs). This LED technology has a very high luminous efficiency, capable of producing high light output over a wide range of drive currents (500 A to 50 mA). The color is deep red at a dominant wavelength of 644 nm deep red. TS AlGaAs is a flipchip LED technology, die attached to the anode lead and wire bonded to the cathode lead. Available viewing angles are 75, 35, and 15.
Features * Subminiature flat top package Ideal for backlighting and light piping applications * Subminiature dome package Diffused dome for wide viewing angle Non-diffused dome for high brightness * Wide range of drive currents 500 A to 50 mA * Ideal for space limited Applications * Axial leads * Available with lead configurations for surface mount and through hole PC board mounting
Device Selection Guide Package Description Domed, Diffused Tinted, Standard Current Domed, Diffused Tinted, Low Current Domed, Nondiffused Untinted, Standard Current Domed, Nondiffused Untinted, Low Current Flat Top, Nondiffused, Untinted, Standard Current Flat Top, Nondiffused Untinted, Low Current Viewing Angle 2 q1/2 35 35 15 15 75 75 Deep Red Rd = 644 nm HLMP-Q102 HLMP-Q152 HLMP-Q106 HLMP-Q156 HLMP-P106 HLMP-P156 2 7 130 2 400 Typical Iv IF = 500 a Typical Iv IF = 20 mA 100 Package Outline B B B B A A
Ordering Information HLMX-XXXX-X X X X X Packaging Option Color Bin Selection Max. Iv Bin
Min. Iv Bin 4 x 4 Prod. Part Number
2
Package Dimensions A) Flat Top Lamps
0.50 (0.020) REF. 1.40 (0.055) 1.65 (0.065) 11.68 (0.460) 10.67 (0.420) BOTH SIDES NOTE 3 ANODE
B) Diffused and Nondiffused Dome Lamps
0.50 (0.020) REF. 11.68 (0.460) 10.67 (0.420) BOTH SIDES NOTE 3 ANODE
CATHODE 1.65 (0.065) DIA. 1.91 (0.075) 0.20 (0.008) MAX.
0.46 (0.018) 0.56 (0.022) 0.25 (0.010) MAX.* NOTE 2
CATHODE 1.65 (0.065) DIA. 1.91 (0.075) 0.20 (0.008) MAX.
0.46 (0.018) 0.56 (0.022) 0.25 (0.010) MAX.* NOTE 2
* REFER TO FIGURE 1 FOR DESIGN CONERNS. 0.76 (0.030) R. 0.89 (0.035) 0.94 (0.037) 1.24 (0.049) 0.63 (0.025) 0.38 (0.015) 2.92 (0.115) MAX. 0.63 (0.025) 0.38 (0.015) 0.18 (0.007) 0.23 (0.009) 2.03 (0.080) 1.78 (0.070) 2.21 (0.087) 1.96 (0.077)
2.21 (0.087) 1.96 (0.077) 1.14 (0.045) 1.40 (0.055)
2.44 (0.096) 1.88 (0.074)
2.08 (0.082) 2.34 (0.092)
0.18 (0.007) 0.23 (0.009)
0.79 (0.031) MAX. 2.08 (0.082) 2.34 (0.092) CATHODE STRIPE NOTE 3
0.79 (0.031) 0.53 (0.021)
CATHODE STRIPE NOTE 3
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETRES (INCHES). 2. PROTRUDING SUPPORT TAB IS CONNECTED TO ANODE LEAD. 3. LEAD POLARITY FOR THESE TS AlGaAs SUBMINIATURE LAMPS IS OPPOSITE TO THE LEAD POLARITY OF SUBMINIATURE LAMPS USING OTHER LED TECHNOLOGIES.
ANODE TAB
NO. CATHODE DOWN.
YES. ANODE DOWN.
Figure 1. Proper right angle mounting to a PC board to prevent protruding anode tab from shorting to cathode c onnection.
3
Absolute Maximum Ratings at TA = 25C Parameters DC Forward Current[1] Peak Forward Current[2] Average Forward Current[2,3] Transient Forward Current (10 s Pulse)[4] Power Dissipation Reverse Voltage Junction Temperature Operating Temperature Storage Temperature Lead Soldering Temperature [1.6 mm (0.063 in.) from body] Reflow Soldering Temperature Title 50 mA 300 mA 30 mA 500 mA 100 mW 5V 110C -55C to +100C -55C to +100C 260C for 5 seconds 260C for 20 seconds
Notes: 1. Derate linearly as shown in Figure 6. 2. Refer to Figure 7 to establish pulsed operating conditions. 3. Maximum IAVG at f = 1 kHz, DF = 10%. 4. The transient peak current is the maximum non-recurring peak current the device can withstand without damaging the LED die and wire bonds. It is not recommended that the device be operated at peak currents above the Absolute Maximum Peak Forward Current.
Optical Characteristics at T A = 25C Luminous Intensity IV (mcd) @ 20 mA[1] Min. Typ. 100 25 63 400 100 130 Total Flux fV (mlm) @ 20 mA[2] Typ. 280 280 Peak Wavelength lpeak (nm) Typ. 654 654 654 Color, Dominant Wavelength ld [3] (nm) Typ. 644 644 644 Viewing Angle 2q1/2 Degrees[4] Typ. 15 35 75 Luminous Efficacy hv[5] (lm/w) 85 85 85
Part Number HLMPQ106-R00xx Q102-N00xx P106-Q00xx
Optical Characteristics at TA = 25C Part Number (Low Current) HLMPQ156-H00xx Q152-G00xx P156-EG0xx Luminous Intensity IV (mcd) @ 0.5 mA[1] Min. Typ. 2.5 1.6 0.63 7 2 2 Total Flux fV (mlm) @ 0.5 mA[2] Typ. 10.5 10.5 Peak Wavelength lpeak (nm) Typ. 654 654 654 Color, Dominant Wavelength ld[3] (nm) Typ. 644 644 644 Viewing Angle 2f1/2 Degrees[4] Typ. 15 35 75 Luminous Efficacy hv[5] (lm/w) 85 85 85
Notes: 1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be aligned with this axis. 2. fv is the total luminous flux output as measured with an integrating sphere. 3. The dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the color of the device. 4. q1/2 is the off-axis angle where the liminous intensity is 1/2 the peak intensity. 5. Radiant intensity, Iv, in watts/steradian, may be calculated from the equation Iv = Iv /hv , where Iv is the luminous intensity in candelas and hv is the luminous efficacy in lumens/watt.
4
Electrical Characteristics at TA = 25C Forward Voltage VF (Volts) @ IF = 20 mA Typ. Max. 1.9 1.9 1.9 2.4 2.4 2.4 Reverse Breakdown VR (Volts) @ IR = 100 A Min. Typ. 5 5 5 20 20 20 Capacitance C (pF) VF = 0, f = 1 MHz Typ. 20 20 20 Speed of Response ts (ns) Time Constant e-t/t s Typ. 45 45 45
Part Number HLMPQ106 Q102 P106
Thermal Resistance RqJ-PIN (C/W) 170 170 170
Electrical Characteristics at TA = 25C Part Number (Low Current) HLMPQ156 Q152 P156 Forward Voltage VF (Volts) @ IF = 0.5 mA Typ. Max. 1.6 1.6 1.6 1.9 1.9 1.9 Reverse Breakdown VR (Volts) @ IR = 100 A Min. Typ. 5 5 5 20 20 20 Capacitance C (pF) VF = 0, f = 1 MHz Typ. 20 20 20 Speed of Response ts (ns) Time Constant e-t/t s Typ. 45 45 45
Thermal Resistance RqJ-PIN (C/W) 170 170 170
1.0
300 200 100 50
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
IF - FORWARD CURRENT - mA
2.4 2.0 1.0 0.5
RELATIVE INTENSITY
10-1
20 10 5 2
0.2 0.1 0.05
10-2
10-3 500
600
700
1000
1 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 VF - FORWARD VOLTAGE - V
0.01 0.5
1
2
5
10
20
50
WAVELENGTH - nm
IF - DC FORWARD CURRENT - mA
Figure 2. Relative intensity vs. wavelength.
Figure 3. Forward current vs. forward voltage.
Figure 4. Relative luminous intensity vs. DC forward current.
50 f > 1000 Hz 40 f > 300 Hz 30 f > 100 Hz 20
1.2 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1 2 5 10 20 50 100 200 300 IPEAK - PEAK FORWARD CURRENT - mA
IF - FORWARD CURRENT - mA
50
1.1
V - RELATIVE EFFICIENCY (NORMALIZED AT 20 mA)
40 RJA = 400 C/W 30 RJA = 550 C/W 20
IAVG = AVERAGE FORWARD CURRENT - mA
10
10
0 0 20 40 60 80 100 TA - AMBIENT TEMPERATURE - C
0 50
100
150
200
250
300
IPEAK - PEAK FORWARD CURRENT - mA
Figure 5. Relative efficiency vs. peak forward current.
Figure 6. Maximum forward DC current vs. ambient temperature. Derating based on T JMAX = 110C.
Figure 7. Maximum average current vs. peak forward current.
5
1.0 0.9 0.8
NORMALIZED INTENSITY
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 100 90 80 70 60 50 40 30 20 10 0 10 20 30 40 50 60 70 80 90 100 ANGULAR DISPLACEMENT - DEGREES
Figure 8. HLMP-Q106/-Q156.
1.0 0.9 0.8
NORMALIZED INTENSITY
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 100 90 80 70 60 50 40 30 20 10 0 10 20 30 40 50 60 70 80 90 100 ANGULAR DISPLACEMENT - DEGREES
Figure 9. HLMP-Q102/-Q152
1.0 0.9 0.8
NORMALIZED INTENSITY
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 100 90 80 70 60 50 40 30 20 10 0 10 20 30 40 50 60 70 80 90 100 ANGULAR DISPLACEMENT - DEGREES
Figure 10. HLMP-P106/-P156.
6
Intensity Bin Limits Bin E F G H J K L M N P Q R S T U V W X Y Min. 0.63 1.00 1.60 2.50 4.00 6.30 10.00 16.00 25.00 40.00 63.00 100.00 160.00 250.00 400.00 630.00 1000.00 1600.00 2500.00 Max. 1.25 2.00 3.20 5.00 8.00 12.50 20.00 32.00 50.00 80.00 125.00 200.00 320.00 500.00 800.00 1250.00 2000.00 3200.00 5000.00
Color Bin Limits Package Red Bin 0 Min. Max. Full Distribution
Mechanical Option 00 11 12 14 21 22 24 31 32 34 Straight Leads, Bulk Packaging, Quantity of 500 Parts Gull Wing Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel Gull Wing Lead, Bulk Packaging, Quantity of 500 Parts Gull Wing Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel Yoke Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel Yoke Leads, Bulk Packaging, Quantity of 500 Parts Yoke Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel Z-Bend Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel Z-Bend Leads, Bulk Packaging, Quantity of 500 Parts Z-Bend Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel
Note: All Categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information.
7
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2005 Agilent Technologies, Inc. Obsoletes 5930-2437E January 18, 2005 5989-1711EN


▲Up To Search▲   

 
Price & Availability of HLMP-Q152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X